PART |
Description |
Maker |
AD843SE/883B 5962-9098001M2A 5962-9098001MPA 5962- |
34 MHz, CBFET Fast Settling Op Amp OP-AMP, 4000 uV OFFSET-MAX, 34 MHz BAND WIDTH, UUC8 34 MHz, CBFET Fast Settling Op Amp 34兆赫,CBFET快速沉降运算放大器 34 MHz/ CBFET Fast Settling Op Amp
|
Analog Devices, Inc. http://
|
SDA356 |
FAST & ULTRA FAST 1 AMP RECTIFIER ASSEMBLY
|
Solid States Devices
|
AD509SH AD509JH AD509KH AD509 |
HIGH SPEED FAST SETTING IC OP AMP OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc. AD[Analog Devices]
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
OM5007ST OM5005ST OM5006ST OM5002ST OM5001ST OM500 |
15 Amp, 50 To 600 Volts, 35 To 50 ns trr 100V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE 600V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package 150V 15A Hi-Rel Ultra-Fast Discrete Diode in a T-2 package
|
IRF[International Rectifier]
|
SF502GP SF504GP SF500GP SF501GP SF503GP |
5.0A, 400V ultra fast recovery rectifier 5 Amp Surper Fast 50 - 4 00 Volts Recovery Rectifiers
|
MCC[Micro Commercial Components]
|
LT1764ETPBF LT1764EFE-2.5TR LT1764EQPBF 1764EFE15 |
3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TO-220; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PZFM5 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: 0°C to 70°C 2.5 V FIXED POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PDSO16 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: DD PAK; No of Pins: 5; Temperature Range: -40°C to 125°C 1.21 V-20 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.66 V DROPOUT, PSSO5 3A, Fast Transient Response, Low Noise,LDO Regulators 3A, Fast Transient Response, Low Noise, LDO Regulators; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC5536 LTC5536ES6 LTC5536ES6TR LTC5536ES6PBF |
600MHz to 7GHz Precision RF Detector with Fast Comparator Output; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C
|
LINEAR TECHNOLOGY CORP
|
AD7524TD |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 8位数字到模拟转换
|
Electronic Theatre Controls, Inc.
|
LTC3823IGN LTC3823IGNPBF LTC3823EUHPBF LTC3823EGNP |
Fast No RSENSE Step-Down Synchronous DC/DC Controller with Differential Output Sensing, Tracking and PLL Fast No Rsense Step-Down Synchronous Controller with Differential Output Sensing, Tracking and PLL; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 4 A SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDSO28 Fast No Rsense Step-Down Synchronous Controller with Differential Output Sensing, Tracking and PLL; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3708EUHTRPBF |
Fast 2-Phase, No RSENSE Buck Controller with Output Tracking; Package: QFN; No of Pins: 32; Temperature Range: -40°C to 125°C DUAL SWITCHING CONTROLLER, PQCC32
|
Linear Technology, Corp.
|
1F4 1A4 |
1.0 AMP FAST RECOVERY RECTIFIERS 1.0 AMP SILICON RECTIFIERS
|
UNIOHM CORPORATION
|